Part Number Hot Search : 
08400 LTA1000R 1N5245B MC14163B 42LS5620 1502A VI3010 MAX201
Product Description
Full Text Search
 

To Download IRFZ44N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IRFZ44N
Power MOSFET VDSS = 55V, RDS(on) = 17.5 mohm, ID = 49 A
Drain D
G
N Channel
Gate Drain Source
Tj = 25 C Maximum. Unless stated Otherwise Symbol ELECTRICAL CHARACTERISICS at
Symbol
S
Parameter
Drain to Source Breakdown Voltage Drain to Source Leakage Current Gate to Source Leakage Current Gate Threshold Voltage
Test Conditions
VDS = 55VDC, VGS = 0VDC VDS = 44VDC, VGS = 0VDC VGS = +20VDC VGS = -20VDC VDS = VGS, ID = 250A Tj=150 C
Value Min 55 Typ Max Unit Volt A nA nA Volt
V(BR)DSS VGS = 0 VDC, ID = 250A IDSS IGSS VGS(th)
2.0
1470 360 88 12 44 60 45
25 250 100 -100 4.0 0.07 63 14 23
Static Drain to Source On - Resistance RDS(on) VGS= 10VDC, ID = 10A Gate Charge Gate to Source Charge Gate to Drain Charge Input Capacitance Output Capacitance Transfer Capacitance Turn On Delay Time Turn Off Delay Time Rise Time Fall Time Continuous Source Current Pulsed Source Current Forward Voltage (Diode) Single Pulse Avalanche Energy Repetive Avalanche Energy Avalanche Current QG QGS QGD CISS COSS CRSS td(on) td(off) tr tf IS ISM VSD EAS EAR IAR VGS = 0VDC, IS =25A, Tp = 300S VDD = 28VDC, ID = 25A, RG = 12 VDS = 25VDC, VGS= 0VDC, f = 1.0MHZ ID = 25A VDS = 44VDC, VGS = 10VDC
-
nC nC nC pF pF pF nS nS nS nS A A V mj mj A
49 160 1.3 148 9.4 25
-
MAXIMUM RATINGS Parameter
Gate to Source Voltage Drain to Source Voltage Continuous Drain Current Pulsed Drain Current Total Power Dissapation Thermal Resistance (Junction to Ambient)
(Tj = 25 C unless stated otherwise) Symbol Condition VGS VDSS ID IDM PD RTH (J-A) (TA = 25 C) Value +/- 20V 55 49 160 94 62 Unit Volt Volt Amp Amp W C/W
Maximum Operating Temperature Range (Tj) -55 to +175 C Maximum Storage Temperature Range (Tstg) -55 to +175 C
Mechanical Dimensions
Case TO-220-AB Plastic
Dim
a b c d e f g h j k m n p
DIMENSIONS Millimetres Inches Min Max Min Max 10.29 2.62 6.10 3.54 14.84 13.47 1.15 1.15 3.550 4.20 1.22 2.64 0.48 0.69 10.54 2.87 6.47 3.78 15.24 14.09 1.400 2.54 4.06 4.69 1.32 2.92 0.55 0.93 0.405 0.103 0.240 0.139 0.584 0.530 0.045 0.045 0.140 0.165 0.048 0.104 0.018 0.027 0.415 0.113 0.255 0.149 0.600 0.555 0.055 0.100 0.160 0.185 0.052 0.115 0.022 0.037
d c b
a
m n
4 e k h f r j j p q 123 g
1 - Gate 2 & 4 - Drain 3 - Source
q r


▲Up To Search▲   

 
Price & Availability of IRFZ44N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X